PART |
Description |
Maker |
ISL12022MIBZ-T ISL12022M10 ISL12022M ISL12022MIBZ |
Low Power RTC with Battery Backed SRAM,Integrated ±5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM,Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM,Integrated 隆戮5ppm Temperature Compensation and Auto Daylight Saving
|
Intersil Corporation
|
ISL120806 ISL1208IU8Z-TK ISL1208 ISL1208IB8 ISL120 |
Low Power RTC with Battery Backed SRAM
|
INTERSIL[Intersil Corporation]
|
ISL1209 |
Low Power RTC with Battery Backed SRAM and Event Detection
|
Intersil
|
V3025 V3025SO28B V3025SO28A |
Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
|
ETC
|
ISL12022 |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ppm with Auto Day Light Saving
|
Intersil
|
CBC34813-M5C CBC34803-M5C-TR1 CBC-EVAL-12-34803 |
Extend Battery Life by Reducing System Power using the EnerChip RTC
|
Cymbet Corporation
|
MAX6776LTT MAX6776XKT MAX6777LTT MAX6776LTAT MAX67 |
Low-Power, 1%-Accurate Battery Monitors in 渭DFN and SC70 Packages Low-Power, 1%-Accurate Battery Monitors in μDFN and SC70 Packages Low-Power, 1%-Accurate Battery Monitor in µDFN and SC70 Packages 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
Maxim Integrated Products, Inc.
|
ISL12020MIRZ ISL12020MIRZ-T ISL12020M |
Low Power RTC with Battery Backed SRAM, Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving Real Time Clock with Embedded Crystal, ±5ppm Accuracy; Temperature Range: -40°C to 85°C; Package: 20-DFN REAL TIME CLOCK, PDSO20 Real Time Clock with Embedded Crystal, ±5ppm Accuracy; Temperature Range: -40°C to 85°C; Package: 20-DFN T&R
|
Intersil Corporation Intersil, Corp.
|
ISL12030 |
Low Power RTC
|
Intersil Corporation
|
M4182SQA6E M4183SQA6E M4182RQA6E M4183RQA6E M4182Z |
Serial I2C bus RTC with battery switchover
|
STMicroelectronics
|